Part Number Hot Search : 
SCDAS4F CZRF7V5B STD100 UMH10N FR2ML 1N5247 DTD113EA CD00CFW
Product Description
Full Text Search
 

To Download C0402C561F3GAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin
Surface Mount Ceramic Chip Capacitors - C0G Dielectric
Outline Drawing
W T S ELECTRODES L B NICKEL PLATE CONDUCTIVE METALLIZATION TIN PLATE
Dimensions - Millimeters (Inches)
EIA SIZE CODE 0402 0603 0805 1206 1210 METRIC SIZE CODE 1005 1608 2012 3216 3225 L - LENGTH W - WIDTH B - BANDWIDTH S SEPARATION minimum 0.3 (.012) 0.7 (.028) 0.75 (.030) N/A N/A Solder Wave + or Solder Reflow MOUNTING TECHNIQUE Solder Reflow
1.0 (.04) .05 (.002) 1.6 (.063) .15 (.006) 2.0 (.079) .20 (.008) 3.2 (.126) .20 (.008) 3.2 (.126) .20 (.008)
0.5 (.02) .05 (.002) 0.8 (.032) .15 (.006) 1.25 (.049) .20 (.008) 1.6 (.063) .20 (.008) 2.5 (.098) .20 (.008)
0.20 (.008) -.40 (.016) 0.35 (.014) .15 (.006) 0.50 (.02) .25 (.010) 0.50 (.02) .25 (.010) 0.50 (.02) .25 (.010)
See Capacitance Value Chart below for thickness dimension. + For extended values 1210 case sizes - solder reflow only.
Electrical Parameters
As detailed in the KEMET Surface Mount Catalog F3102 for C0G, with following specific requirements based on room temperature (25C) parameters: * Operating Range: -55C to +125C, with no-bias capacitance shift limited to 30 PPM/C over that range. * Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25C: Limit is 1000 megohm microfarads or 100G, whichever is less. * Capacitance and Dissipation Factor (DF) measured at the following conditions. Capacitance - 1 kHz and 1 vrms if capacitance >1000 pF 1 MHz and 1 vrms if capacitance 1000 pF DF Limit is 0.1%.
Soldering Process These components are suitable for wave and reflow soldering. All parts incorporate the standard KEMET barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resistance to leaching. Marking These chips will be supplied unmarked. However, marking is available as an extra cost option. Qualification/Certification AEC-Q200 Rev. C - Automotive RoHS 6 - 100% tin termination
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com
F9126 5/07
C 0805
Style C - Ceramic Size Code 0402, 0603, 0805, 1206, 1210 Specification C - Standard
C
103
K
3
G
A
C
End Metallization C = Standard (Tin-plate nickel barrier) Failure Rate Level A = Not Applicable
Capacitance Code, pF First two digits represent significant figures. Third digit specifies number of zeros. 100 pF = 101. (Use "9" for 1.0 through 9.9 pF) (Use "8" for 0.1 through .99 pF) Capacitance Tolerance F = 1% K = 10% G = 2% M = 20% J = 5%
Temperature Characteristic Designated by Capacitance Change Over Temperature Range G = C0G (NP0) (30 PPM/C) Voltage 3 = 25V
Capacitance Value
Capacitance Values (pF) 470 560 680 820 1000 2200 2700 3300 3900 4700 5600 6800 8200 10,000 4700 5600 6800 8200 10,000 18,000 22,000 33.000 18,000 22,000 33,000 47,000 68,000 100,000 22,000 27,000 33,000 47,000 68,000 100,000 220,000 KEMET Part Number C0402C471(1)3GAC C0402C561(1)3GAC C0402C681(1)3GAC C0402C821(1)3GAC C0402C102(1)3GAC C0603C222(1)3GAC C0603C272(1)3GAC C0603C332(1)3GAC C0603C392(1)3GAC C0603C472(1)3GAC C0603C562(1)3GAC C0603C682(1)3GAC C0603C822(1)3GAC C0603C103(1)3GAC C0805C472(1)3GAC C0805C562(1)3GAC C0805C682(1)3GAC C0805C822(1)3GAC C0805C103(1)3GAC C0805C183(1)3GAC C0805C223(1)3GAC C0805C333(1)3GAC C1206C183(1)3GAC C1206C223(1)3GAC C1206C333(1)3GAC C1206C473(1)3GAC C1206C683(1)3GAC C1206C104(1)3GAC C1210C223(1)3GAC C1210C273(1)3GAC C1210C333(1)3GAC C1210C473(1)3GAC C1210C683(1)3GAC C1210C104(1)3GAC C1210C224(1)3GAC Voltage 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 Capacitance Tolerance F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M F,G,J,K,M Thickness mm .50 .50 .50 .50 .50 .80 .80 .80 .80 .80 .80 .80 .80 .80 .05 .05 .05 .05 .05 .10 .10 .10 .10 .10 .10 .10 .10 .10 Qty 7" Reel 10,000 10,000 10,000 10,000 10,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 3,000 4,000 4,000 4,000 4,000 2,500 2,000 4,000 4,000 4,000 4,000 4,000 2,500 2,000 Qty 13" Reel 50,000 50,000 50,000 50,000 50,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 10,000 8,000 10,000 10,000 10,000 10,000 10,000 10,000 8,000
.78 .10 .78 .10 .78 .10 .78 .10 .78 .10 .78 .10 .90 .10 1.25 .20 .78 .10 .78 .10 .78 .10 .90 .10 1.20 .15 1.60 .20 .78 .10 .78 .10 .78 .10 .78 .10 .78 .10 1.00 .10 2.10 .20
(1) Insert capacitance tolerance as shown: F = 1%; G = 2%; J = 5%; K = 10% or M = 20%.
In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in this bulletin supplements that in the catalog.
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com


▲Up To Search▲   

 
Price & Availability of C0402C561F3GAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X